Part Number Hot Search : 
ML741 DAC10 NDD02N40 75100 C78L45BD HV9113PJ RL205 NM60FD
Product Description
Full Text Search
 

To Download AV772 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
AV772 TO-126 Plastic-Encapsulate Transistors
AV772 TRANSISTOR PNP
FEATURES Power dissipation PCM : 1.25 WTamb=25 Collector current ICM : -3 A Collector-base voltage V(BR)CBO : - 40 V Operating and storage junction temperature range TJTstg: -55 to +150
TO-126
ELECTRICAL CHARACTERISTICSTamb=25 unless otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO HFE1 DC current gain HFE2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat) VBE(sat) fT VCE= -2 V, IC= -100mA IC= -2A, IB= -0.2 A IC= -2A, IB= -0.2 A VCE= -5V , Ic=-0.1A f =10MHz 50 32 -0.5 -2 V V MHz Test conditions Ic= -100A IE=0 Ic= -10 mA IB=0 IE= -100A IC=0 VCB= -40 V IE=0 VCE= -30 V IB=0 VEB= -6 V IC=0 VCE= -2 V, IC= -1A 60 MIN -40 -30 -5 -1 -1 -1 400 MAX UNIT V V V A A A
CLASSIFICATION OF HFE(1)
Rank Range R 60-120 O 100-200 Y 160-320 GR 200-400
Copyright (c) Avic Electronics Corp.
1
Website: http://www.avictek.com
@vic
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics 150 -Ic,Collector current(A) 1.6 1.2 0.8 0.4 0 0 4 -IB=9mA -IB=8mA -IB=7mA -IB=6mA -IB=5mA -IB=4mA -IB=3mA -IB=2mA -IB=1mA 8 12 16 20 -Collector-Emitter voltage(V) Fig.3 Power Derating 12 Output Capacitance(pF) Power Dissipation(W) 103 IE=0 f=1MHz
AV772
Fig.2 Derating curve of safe operating areas
- Ic Derating(%)
10
50
0
-50
50 150 100 0 Tc,Case Temperature(C) Fig.4 Collector Output capacitance
200
8
10
2
4
101
0 -50 0 50 100 150 Tc,Case Temperature(C) Fig.5 Current gainbandwidth product 10 FT(MHz), Current gainbandwidth product
3
100 200 100 10-1 10-2 10-3 -Collector-Base Voltage(v) Fig.6 Safe operating area 10 -Ic,Collector current(A)
1 1
VCE=5V 102 IB=8mA 101
100
10-1
100
10-2
100 10 Ic,Collector current(A)
-1
10
10-2
100
101 Collector-Emitter Voltage
102
Copyright (c) Avic Electronics Corp.
2
Website: http://www.avictek.com
@vic
Fig.7 DC current gain 103
VCE=-2V
AV772
Fig.8 Saturation 104 -Saturation Voltage(mV) 103 102
VCE (sat) VBE (sat)
DC current Gain,HFE
10
2
101
101 100
100 100 101 102 103 104 -Ic,Collector current(mA)
100
101
102
103
104
-Ic,Collector current(mA)
Copyright (c) Avic Electronics Corp.
3
Website: http://www.avictek.com


▲Up To Search▲   

 
Price & Availability of AV772

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X